Part Number Hot Search : 
KB844 APL35 L7808ACP RURG306 MT1910 VQG100 SXXXXC AUK10G48
Product Description
Full Text Search
 

To Download TA2S-6S2412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TA2S Series
SMD, 2:1 Input, 5-6 Watt
*MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 1000 1000 470 400 mA mA mA mA OUTPUT POWER 3.3W 5W 5.6W 6W 5W 5.5W 5.7W 9-18 VDC IN TA2S-3S123.3 TA2S-5S1205 TA2S-6S1212 TA2S-6S1215 TA2S-5D1205 TA2S-6D1212 TA2S-6D1215 18-36 VDC IN TA2S-3S243.3 TA2S-5S2405 TA2S-6S2412 TA2S-6S2415 TA2S-5D2405 TA2S-6D2412 TA2S-6D2415 36-75 VDC IN TA2S-3S483.3 TA2S-5S4805 TA2S-6S4812 TA2S-6S4815 TA2S-5D4805 TA2S-6D4812 TA2S-6D4815
500 mA 230 mA 190 mA
For 1.5K VDC isolation, add suffix "C" to the model number. Add sufffix "T" for remote on/off control.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage....................................................See Table Nominal Input...........................................12, 24, 48 VDC Input Filter.......................................................Pi Network OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Line Regulation.............................................0.5%, Max. Load Regulation, Single Output, 10%FL-FL...0.5%, Max. Dual Output, 1/4FL-FL..........1%, Max. Minimum Load.................................10% on Each Output Ripple and Noise, 20MHz BW, 3.3V/5V..100 mVp-p, Max. 12V/15V.......1% p-p Max. Short Circuit Protection..................................Continuous Temperature Coefficient..........................0.02%/C, Max. GENERAL SPECIFICATIONS Efficiency...........................................................70 - 82% Isolation Voltage, Input to Output..............500 VDC, Min. For 1.5K VDC Isolation, Add Suffix "C" Isolation Resistance.................................109 Ohms, Min. Switching Frequency....................................100 kHz, Min. Operating Temperature, No Derating.......-25C to +71C Storage Temperature Range.................-40C to +125C Cooling.............................................Free Air Convection Case Material..................................Black Coated Copper with Non-Conductive Base
PIN CONNECTIONS for 500V ISOLATION PIN # FUNCTION SINGLE DUAL +V Input 1, 24 1, 24 -V Input 12, 13 12, 13 +V Output 11, 14 11, 14 Common 10, 15 -V Output 10, 15 2, 23 2, 3, 4, 5, 9, 16, 4, 5, 9, 16, 20, No Connection 20, 21, 22, 23 21 PIN CONNECTIONS for 1.5KV ISOLATION PIN # FUNCTION SINGLE DUAL +V Input 22, 23 22, 23 -V Input 2, 3 2, 3 +V Output 14 14 Common 9, 16 -V Output 16 11 1, 4, *5, 9, 10, 1, 4, *5, 10, 12, No Connection 11, 12, 13, 15, 13, 15, 20, 21, 20, 21, 24 24 *Pin #5 is Remote on/off control (suffix "T") or NC.
ALL DIMENSIONS IN INCHES (mm) Rev. A -01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TA2S-6S2412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X